Part Number Hot Search : 
4LS08 G511006 KS8997 RA100 RN1227 M56787FP FN3275 1N758A1
Product Description
Full Text Search
 

To Download FSA515707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSA5157 0.4 Low Voltage SPDT Analog Switch
January 2007
FSA5157 0.4 Low Voltage SPDT Analog Switch
General Description
The FSA5157 is a low ON Resistance, low power Single Pole Double Throw (SPDT) analog switch. This product has been designed for switching audio signals in applications such as cell phones and portable media players. The ultra-low 0.43/4 impedance, sub 1A current consumption, and 1.65V to 4.3V operating voltage range makes this product ideal for battery powered applications. The FSA5157 also features bi-directional operation and make-before-break functionality. This device is fully specified for operation at 1.8V, 2.5V and 3.3V. A growing number of applications require the voltage applied to the select input to be lower then the VCC applied. Under this condition, most switches would typically consume over 100A of current. This would be an unacceptable level for battery powered applications. The FSA5157 has been designed to minimize current consumption under this condition. The ICCT is specified for <12A under a worse case condition of VCC = 4.3V and VIN = 1.8V.
Features
Typical 0.4 On Resistance (RON) for +2.7V supply FSA5157 features less than 12A ICCT current
when S input is lower than VCC
0.25 maximum RON flatness for +2.7V supply 1.0mm x 1.45mm 6-Lead Pb-Free MicroPakTM
package
Broad VCC operating range: 1.65V to 4.3V Low THD (0.02% typical for 32 load) High current handling capability
(350mA continuous current under 3.3V supply)
Control logic is 1.8V CMOS logic compatible
Applications
Cellular phone PDA Portable Media Player
Ordering Information
Order Number
FSA5157P6X FSA5157L6X
Package Number
MAA06A MAC06A
Product Code Top Mark
C57 FT
Package Description
Pb-Free 6-Lead SC70, EIAJ SC88, 1.25mm Wide Pb-Free 6-Lead MicroPak, 1.0mm Wide
Supplied As
3K Units on Tape and Reel 5K Units on Tape and Reel
Pb-Free package per JEDEC J-STD-020B.
Applications Diagram
Headphone VCC
Audio Amplifier
S
Internal Speaker
MicroPakTM is a trademark of Fairchild Semiconductor Corporation.
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1 www.fairchildsemi.com
FSA5157 0.4 Low Voltage SPDT Analog Switch
Analog Symbols
Pin Assignment for SC70 B1 1
6
Truth Table/s
Control Input(s)
LOW Logic Leve
Function
B0 Connected to A B1 Connected to A
S
HIGH Logic Level
Pin Descriptions
GND 2
5
VCC
Pin Names
A, B0, B1 S
Function
Data Ports Control Input
B0 3
(Top View)
4
A
Pin Assignment for MicroPak S1
6
B1
VCC 2
5
GND
A3
4
B0
(Top Through View)
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 2
FSA5157 0.4 Low Voltage SPDT Analog Switch
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VCC VS VIN Supply Voltage Switch Voltage Input Voltage1 Input Diode Current Switch Current
1
Parameter
Rating
-0.5V to +5.5V -0.5V to VCC + 0.3V -0.5V to VCC -50 mA 350 mA 500 mA 180 mW 180 mW -65C to +150C +150C +260C 8000V
Peak Switch Current (Pulsed at 1 ms duration, <10% Duty Cycle) Power Dissipation (PD) SC70 6L Package MicroPak 6L Package TSTG TJ TL Storage Temperature Range Maximum Junction Temperature Lead Temperature Soldering, 10 seconds ESD, Human Body Model
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings.
Symbol
VCC VIN VIN TA Notes: Supply Voltage Control Input Voltage2 Switch Input Voltage Operating Temperature
Parameter
Rating
1.65V to 4.3V 0V to VCC 0V to VCC -40C to +85C
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed. 2. Unused inputs must be held HIGH or LOW. They may not float.
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 3
FSA5157 0.4 Low Voltage SPDT Analog Switch
DC Electrical Characteristics
All typical values are at 25C unless otherwise specified.
TA= +25C Symbol
VIH
-40C to +85C Max Min
1.4 1.3 1.1 0.9 0.7 0.5 0.4 0.4 -0.5 0.5 50.0 A nA V
Parameter
Input Voltage High
Conditions
VCC (V)
3.6 to 4.3 2.7 to 3.6 2.3 to 2.7 1.65 to 1.95
Min
Typ
Max
Units
V
VIL
Input Voltage Low
3.6 to 4.3 2.7 to 3.6 2.3 to 2.7 1.65 to 1.95
IIN INO(OFF), INC(OFF) IA(ON)
Control Input Leakage OFF-Leakage Current of Port B0 and B1 ON Leakage Current of Port A Switch On Resistance3
VIN = 0V to VCC A = 0.3V, VCC - 0.3V, B0 or B1 = 0.3V, VCC - 0.3V or Floating A = 0.3V, VCC - 0.3V, B0 or B1 = 0.3V, VCC - 0.3V or Floating IOUT = 100 mA, B0 or B1 = 0V, 0.7V, 3.6V, 4.3V IOUT = 100 mA, B0 or B1 = 0V, 0.7V, 2.0V, 2.7V IOUT = 100 mA, B0 or B1 = 0V, 0.7V, 2.0V, 2.3V IOUT = 100 mA, B0 or B1 = 0.7V
1.65 to 4.3 1.95 to 4.3 -10.0 10.0
-50.0
1.95 to 4.3
-20.0
20.0
-100
100
nA
RON
4.3 2.7 2.3 1.65 4.3 2.7 2.3 1.65
0.36 0.4 0.55 1.5 0.04 0.06 0.12 1.0 2.5
0.6 0.7 0.8 3.0 0.75 0.13 0.2 0.25 0.25 0.3
RON
On Resistance Matching Between Channels4
IOUT = 100 mA, B0 or B1 = 0.7V
RFLAT(ON)
On Resistance Flatness5
IOUT = 100 mA, B0 or B1 = 0V to VCC
4.3 2.7 2.3 1.65 0.3 -100.0 30.0 7.0 3.0 100.0 12.0 6.0 -500
ICC ICCT
Quiescent Supply Current Increase in ICC per Control Input
VIN = 0V or VCC, IOUT = 0 VIN = 1.8V VIN = 2.6V
4.3 4.3 4.3
500 15.0 7.0
nA A
Notes: 3. On Resistance is determined by the voltage drop between A and B pins at the indicated current through the switch. 4. RON = RONmax - RONmin measured at identical VCC, temperature, and voltage. 5. Flatness is defined as the difference between the maximum and minimum value of On Resistance over the specified range of conditions.
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 4
FSA5157 0.4 Low Voltage SPDT Analog Switch
AC Electrical Characteristics
All typical values are at 25C unless otherwise specified.
TA = +25C Symbol
tON
-40C to +85C Max
55.0 60.0 65.0
Parameter
Turn ON Time
Conditions
B0 or B1 = 1.5V, RL = 50, CL = 35 pF
VCC (V)
3.6 to 4.3 2.7 to 3.6 2.3 to 2.7 1.65 to 1.95
Min
Typ
Min
Max
60.0 65.0 70.0 90.0 35.0 40.0 45.0 55.0
Units
ns
Figure
Figure 4
70.0 30.0 35.0 40.0 40.0 5.0 5.0 5.0 5.0 6.0 6.0 6.0 -75.0 -75.0 -75.0 -75.0 -75.0 -75.0 -75.0 -70.0 80.0 0.02 0.036 0.01
tOFF
Turn OFF Time
B0 or B1 = 1.5V, RL = 50, CL = 35 pF
3.6 to 4.3 2.7 to 3.6 2.3 to 2.7 1.65 to 1.95
ns
Figure 4
tB-M
Break-Before-Make Time
B0 or B1 = 1.5V, RL = 50, CL = 35 pF
3.6 to 4.3 2.7 to 3.6 2.3 to 2.7 1.65 to 1.95
ns
Figure 5
Q
Charge Injection
CL = 1.0 nF, VGEN = 0V, RGEN = 0
3.6 to 4.3 2.7 to 3.6 2.3 to 2.7 1.65 to 1.95
pC
Figure 8
OIRR
OFF-Isolation
f = 100kHz, RL = 50, CL = 5 pF (Stray)
3.6 to 4.3 2.7 to 3.6 2.3 to 2.7 1.65 to 1.95
dB
Figure 6
Xtalk
Crosstalk
f = 100kHz, RL = 50, CL = 5 pF (Stray)
3.6 to 4.3 2.7 to 3.6 2.3 to 2.7 1.65 to 1.95
dB
Figure 7
BW THD
-3db Bandwidth Total Harmonic Distortion
RL = 50 RL = 32, VIN = 2V P.P, f = 20Hz to 20kHz RL = 32, VIN = 1.5V P.P, f = 20Hz to 20kHz RL = 32, VIN = 1.2V P.P, f = 20Hz to 20kHz
1.65 to 4.3 3.6 to 4.3 2.7 to 3.6 2.3 to 2.7 1.65 to 1.95
MHz %
Figure 10 Figure 11
Capacitance
TA = +25C Symbol
CIN COFF CON
40C to +85C Max Min Max Units
pF pF pF
Parameter
Control Pin Input Capacitance B Port OFF Capacitance A Port ON Capacitance
Conditions
f = 1MHz (see Figure 9) f = 1MHz (see Figure 9) f = 1MHz (see Figure 9)
VCC (V)
0.0 4.5 4.5
Min
Typ
1.5 21.0 90.0
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 5
FSA5157 0.4 Low Voltage SPDT Analog Switch
Typical Characteristics
FSA5157 R-On 2.30V B0
600 540 480 420 RON (m) RON (m) 360 300 240 180 120 60 0 0.00 0.50 1.00 1.50 2.00 2.50
-40C 25C
FSA5157 R-On 2.70V B0
600 540
85C
85C
480 420 360 300
-40C 25C
240 180 120 60 0 0.00 0.60 1.20 1.80
2.40
3.0
VB (V) Sweep Left to Right
VB (V) Sweep Left to Right
Figure 1. RON Switch On Resistance, ION = 100mA, VCC = 2.3V
Figure 2. RON Switch On Resistance, ION = 100mA, VCC = 2.7V
FSA5157 R-On 4.30V B0
500 450 400 350 RON (m) 300 250 200 160 100 50 0 0.00 0.90 1.80 2.70 3.60 4.50
-40C 25C 85C
VB (V) Sweep Left to Right
Figure 3. RON Switch On Resistance, ION = 100mA, VCC = 4.3V
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 6
FSA5157 0.4 Low Voltage SPDT Analog Switch
AC Loading and Waveforms
tRISE = 2.5ns Bn VIN GND RS CL GND VSel GND
Notes: 1. RL, RS, and CL are functions of application environment (See AC Electrical table for specific values). 2. CL includes test fixture and stray capacitance.
tFALL = 2.5ns
90% VCC/2 90% VCC/2 10%
FSA5157 A RL VOUT
VCC Input - S GND
10%
VOH Output - VOUT VOL tON
90%
90%
tOFF
Figure 4. Turn-On/Turn-Off Timing
VCC VCC A
B1
VB
B0
VOUT RL CL*
Control Input
VCC 0V VOUT 50% tR = tF = 2.5 ns (10-90%)
S Control Input GND
0.9 x VOUT tD
*CL includes fixture and stray capacitance
Figure 5. Break-Before-Make Timing
Network Analyzer FSA5157 RT VSel GND GND OFF-Isolation = 20 Log (VOUT/VIN) RT GND GND VIN GND VOUT RS VS GND
Figure 6. Off Isolation
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 7
FSA5157 0.4 Low Voltage SPDT Analog Switch
AC Loading and Waveforms (continued)
Network Analyzer FSA5157 RS VIN GND VSel GND VS GND RT GND RT GND Crosstalk = 20 Log (VOUT/VIN) VOUT
GND RS and RT are function of application environment (50, 75 or 100 )
Figure 7. Non-Adjacent Channel-to-Channel Crosstalk
Generator VIN nBn VS RS GND nSn VSel
FSA5157
VCC Input - VSel CL* GND VOUT 0V VOUT VOUT Off On Off
*CL includes fixture and stray capacitance GND
Q = VOUT x CL
Figure 8. Charge Injection Test
Capacitance Meter F = 1MHz
A
FSA5157 S VSel = 0 or VCC Capacitance Meter F = 1MHz
A
FSA5157 S VSel = 0 or VCC Bn
Bn Channel ON Capacitance
Channel OFF Capacitance
Figure 9. On/Off Capacitance Measurement Setup
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 8
FSA5157 0.4 Low Voltage SPDT Analog Switch
AC Loading and Waveforms (continued)
Network Analyzer FSA5157 VIN GND VSel GND GND RT GND VOUT RS VS GND
Figure 10. Bandwidth
10nF
VIN Signal Generator BN
VCC
Analyzer RL
S Logic Input 0V or VCC
GND
Figure 11. Harmonic Distortion
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 9
FSA5157 0.4 Low Voltage SPDT Analog Switch
Tape Specification
Tape Format For Micropak 6 Package Designator
L6X
Tape Section
Leader (Start End) Carrier Trailer (Hub End)
Number Cavities
125 (typ) 5000 75 (typ)
Cavity Status
Empty Filled Empty
Cover Tape Status
Sealed Sealed Sealed
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 10
FSA5157 0.4 Low Voltage SPDT Analog Switch
Reel Dimensions for Micropack 6
Dimension are in inches (millimeters) unless otherwise noted.
Tape Size
8 mm
A
7.0 (177.8)
B
0.059 (1.50)
C
0.512 (13.00)
D
0.795 (20.20)
N
2.165 (55.00)
W1
0.331 +0.059 / -0.000 (8.40 +1.50 / -0.00)
W2
0.567 (14.40)
W3
W1 + 0.078 / -0.039 (W1 + 2.00 / -1.00)
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 11
FSA5157 0.4 Low Voltage SPDT Analog Switch
Physical Dimensions
Dimension are in millimeters unless otherwise noted.
Pb-Free 6-Lead SC70, EIAJ SC88, 1.25mm Wide
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 12
FSA5157 0.4 Low Voltage SPDT Analog Switch
Physical Dimensions
Dimension are in millimeters unless otherwise noted.
Pb-Free 6-Lead MicroPak, 1.0mm Wide
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 13
FSA5157 0.4 Low Voltage SPDT Analog Switch
(c)2006 Fairchild Semiconductor Corporation FSA5157 Rev. 1.0.1
www.fairchildsemi.com 14


▲Up To Search▲   

 
Price & Availability of FSA515707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X